Part Number Hot Search : 
02210 HCF4013 HMM5121B ICM72 2506N A1500 STWBC 2SC43
Product Description
Full Text Search
 

To Download BD244B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
BD244/A/B/C
DESCRIPTION *With TO-220C package *Complement to type BD243/A/B/C APPLICATIONS *For medium power linear and switching applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
*
Absolute maximum ratings (Ta=25)
SYMBOL PARAMETER BD244 BD244A VCBO Collector-base voltage BD244B BD244C BD244 BD244A VCEO Collector-emitter voltage BD244B BD244C VEBO IC ICM IB PC Tj Tstg Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base -80 -100 -5 -6 -10 -2 65 150 -65~150 V A A A W Open emitter -80 -100 -45 -60 V CONDITIONS VALUE -45 -60 V UNIT
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
BD244/A/B/C
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER BD244 BD244A VCEO(SUS) Collector-emitter sustaining voltage BD244B BD244C VCEsat VBE Collector-emitter saturation voltage Base-emitter on voltage BD244/A ICEO Collector cut-off current BD244B/C BD244 BD244A ICES Collector cut-off current BD244B BD244C IEBO hFE-1 hFE-2 Emitter cut-off current DC current gain DC current gain VCE=-80V; VBE=0 VCE=-100V; VBE=0 VEB=-5V; IC=0 IC=-0.3A ; VCE=-4V IC=-3A ; VCE=-4V 30 15 1 mA VCE=-60V; IB=0 VCE=-45V; VBE=0 VCE=-60V; VBE=0 -0.4 mA IC=-6A;IB=-1 A IC=-6A ; VCE=-4V VCE=-30V; IB=0 -0.7 mA IC=-30mA; IB=0 -80 -100 -1.5 -2.0 V V CONDITIONS MIN -45 -60 V TYP. MAX UNIT
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
BD244/A/B/C
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of BD244B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X